Part Number Hot Search : 
PNN6028 BCX53 1884649 AAT4291 DTA113T BTY79 PD703313 2SK16
Product Description
Full Text Search
 

To Download AAT7201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Analog Technology, Inc.
AAT7201
Details are subject to change without notice
10+1-Channel Buffer for TFT LCD
Features
10 Channels with Output Current: +30mA (MAX) 1 Vcom with Output Current: +100mA (MAX) Unity Gain Buffer Capable of Driving Large Capacitive Loads Input Range Matched to LCD Reference Requirements
General Description
The AAT7201 is a 10+1-channel buffer designed to increase the driving capability for thin film transistor liquid crystal display (TFT LCD). This device includes a Vcom buffer circuit, four rail-to-rail buffer amplifier circuits and six buffer amplifier circuits. Each buffer is capable of driving heavy capacitive loads and offering fast current loading ( Vcom : 100mA, the others: 30mA). AAT7201 comes in a space-saving TQFP48 package, which makes it an ideal component in LCD TV and monitors.
VDD Specified for 6.5V to 16.0V TQFP48 Package
Pin Configuration
TOP VIEW
TQFP48
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 1 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Pin Description
Pin No. Name I/O Description
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
o9 o8 o7 o6 NC NC GND VDD NC NC o5 o4 o3 NC VDD NC NC o2 GND o1 GND VDD i1 i2 i3 i4 i5 NC NC VDD
O O O O I I O O O I O I O I I I I I I I I
Buffer Channel 9 Output Buffer Channel 8 Output Buffer Channel 7 Output Buffer Channel 6 Output Ground Power Supply Buffer Channel 5 Output Buffer Channel 4 Output Buffer Channel 3 Output Power Supply Buffer Channel 2 Output Ground Buffer Channel 1 Output Ground Power Supply Buffer Channel 1 Input Buffer Channel 2 Input Buffer Channel 3 Input Buffer Channel 4 Input Buffer Channel 5 Input Power Supply
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 2 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Pin Description (Cont.)
Pin No. 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 Name GND NC NC i6 i7 i8 i9 i10 I com I/O I I I I I I I I I I I O O Description Ground Buffer Channel 6 Input Buffer Channel 7 Input Buffer Channel 8 Input Buffer Channel 9 Input Buffer Channel 10 Input Com Buffer Input Power Supply Ground Power Supply Ground Com Buffer Output Buffer Channel 10 Output
NC NC NC VDD GND VDD GND O com o10
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 3 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Absolute Maximum Ratings
CHARACTERISTICS Supply Voltage SYMBOL VDD VALUE +18
-0.5 to VDD + 0.5 -0.5 to VDD + 0.5
30 100 +125 - 20 to +85 - 45 to +125
UNIT V
Input Voltage Output Voltage Output Loading Current for Gamma , Rail-to-Rail Buffer Output Loading Current for Com Buffer Maximum Junction Temperature Operating Temperature Storage Temperature Lead Temperature (Soldering for10 seconds)
VI VO IL TJ TC
Tstorage
-
V V mA mA o C
o o o
C C C
260
Note 1: Value beyond absolute maximum ratings may cause permanent damage to the device.
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 4 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Electrical Characteristics (VDD=10V, TC=25oC unless otherwise specified.)
Power Supply Performance Parameter Test Conditions Min Typ Max Units
VDD varies from 6.5V to Power Supply Rejection PSRR Ratio 16.0V IS Supply Current
Input Characteristics Parameter Test Conditions
-
80 9
-
dB mA
Min
Typ
Max
Units
Input Offset Voltage Input Bias Current
VOS
IB
VI = VDD /2, VO = VDD /2 VI = VDD /2 , VO = VDD /2
-
2 2
12 50
mV nA
Output Characteristics Parameter Test Conditions Min Typ Max Unit
Output Swing Low
VOL
I L =5mA (Buffer 1, 2, 9, 10) VI =0V I L =10mA(Buffer 3, 4,..., 7, 8) VI =1V I L = - 5 mA (Buffer 1, 2, 9, 10) VI =10V I L = - 10 mA (Buffer 3, 4,..., 7, 8) VI =9V I L =10mA I L = - 10 mA I L =50mA I L = - 50 mA (Buffer 1~10 ) (Com Buffer) VI =5V VI =5V VI =5V VI =5V
9.85 8.95 4.96 4.95 -
0.08 1.02 9.92 8.98 5.02 4.98 5.03 4.97 +70 +180
0.15 1.05 5.04 5.05 -
V V V V V V V V mA mA
Output Swing High
VOH
Output Swing (Buffer 3, 4,..., 7, 8) Output Swing (COM)
VOL VOH VOL VOH I SC
Short Circuit Current
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 5 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Electrical Characteristics (VDD=10V, TC=25oC unless otherwise specified.) (Cont.) AC Characteristics
Parameter Test Conditions Min Typ Max Units
Slew Rate (Note 2) Settling Time
SR ts
VI =2V to 8V, 20% to 80% VI =4.5V to 5.5V VI =5.5V to 4.5V 0.1% 0.1%
-
1 5
-
V s
s
Note 2: Slew rate is measured on rising and falling edges.
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 6 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Block Diagram
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 7 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Application Circuit
Inc
Icomp
Ocomp
10 10F
Outc
In1
I1
O1
10 1F
Out1
In2
I2
O2
10 1F
Out2
In3
I3
O3
10 1F
Out3
In9
I9
O9
10 1F
Out9
In10
I10
O10
10 1F
Out10
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 8 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Package Dimension
TQFP48
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 9 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Package Dimension (Cont.)
TQFP48
NOTE: 1. CONTROLLING DIMENSION: MILLIMETER 2. LEAD FRAME MATERIAL: COPPER C7025 3. PACKAGE DIMENSION EXCLUSIVE MOLDING FLASH ALLOWABLE PROTRUSION IS 0.25 MILLIMETERS PER SIDE. 4. DIMENSION b DOES NOT INCLUDE DAMBER PROTRUSION. ALLOWABLE DAMBER PROTRUSION SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED THE MAXIMUM b DIMENSION BY MORE THAN 0.08 MILLIMETERS. 5. BOTTOM E-PIN INDENT ARE MARKED AS BELOW
6. ALL EDGE CORNERS HAVE TO BE R 0.20 MAX. 7. JEDEC NUMBER: MS-026
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 10 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Package Dimension (Cont.)
TQFP48
SYMBOL A A1 A2 b C E E1 D D1 e L L1 DIMENSIONS IN MILLIMETERS TYP 1.00 0.22 9.00 7.00 9.00 7.00 0.50 0.60 1.00
MIN 0.05 0.95 0.17 0.09 0.45 -
MAX 1.20 0.15 1.05 0.27 0.20 0.75 -
y
0o C 0.0
3.5 o C -
7.0 o C 0.08
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 11 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Tape and Reel
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 12 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Tape and Reel (Cont.)
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 13 of 14 V 0.1
Advanced Analog Technology, Inc.
AAT7201
Tape and Reel (Cont.)
NOTE: 1. 10 SPROCKET HOLE PITCH CUMULATIVE TOLERANCE .02 2. CAMBER NOT TO EXCEED 1 MILLIMETER IN 100 MILLIMETERS 3. MATERIAL: PS+C 4. Ao AND Bo MEASURED ON A PLANE 0.3 MILLIMETERS ABOVE THE BOTTOM OF THE POCKET 5. Ko MEASURED FROM A PLANE ON THE INSIDE BOTTOM OF THE POCKET TO THE TOP SURFACE OF THE CARRIER 6. POCKET POSITION RELATIVE TO SPROCKET HOLE MEASURED AS TRUE POSITION OF POCKET, NOT POCKET HOLE.
Ordering Information
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 14 of 14 V 0.1


▲Up To Search▲   

 
Price & Availability of AAT7201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X